PART |
Description |
Maker |
HCMS-2902 HCMS-2903 HCMS-2904 HCMS-2911 HCMS-2912 |
HCMS-2962 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2961 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2964 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2963 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2925 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2924 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2923 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2922 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2921 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2915 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2914 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2913 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2912 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2911 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2905 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2904 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2903 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2902 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2901 · High Performance CMOS 5 x 7 Alphanumeric Displays HCMS-2975-HI000 · High Performance CMOS 5 x 7 Alphanumeric Displays Bipolar Transistor; Collector Emitter Voltage, Vceo:350V; Transistor Polarity:NPN; Power Dissipation:1W; DC Current Gain Min (hfe):40; Collector Current:1A; Package/Case:3-TO-39; DC Current Gain Max (hfe):60; Terminal Type:5 T-PNP-SI-HV AF PWR AMP High Performance CMOS 5 x 7 Alphanumeric Displays 高性能CMOS 5 × 7字母数字显示
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)] Vishay Intertechnology, Inc.
|
FM27C512Q FM27C512N90 FM27C512V120 FM27C512V150 FM |
512K-Bit (64K x 8) High Performance CMOS EPROM 524,288-Bit (64K x 8) High Performance CMOS EPROM 524/288-Bit (64K x 8) High Performance CMOS EPROM Capacitors.. 100 PIECE MIN.. NC/NR
|
FAIRCHILD[Fairchild Semiconductor] PROM
|
GAL16V8A GAL16V8B GAL16V8A-15LPI GAL16V8A-10LJI GA |
HIGH PERFORMANCE E2CMOS PLD EE PLD, 15 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 25 ns, PQCC20 HIGH PERFORMANCE E2CMOS PLD EE PLD, 10 ns, PDIP20 HIGH PERFORMANCE E2CMOS PLD E2CMOS的高性能可编程逻辑器件 16 BIT MCU, 32K FLASH HIGH PERFORMANCE E2CMOS PLD
|
http:// Lattice Semiconductor, Corp. Lattice Semiconductor Corporation
|
AM29PL320DB60R AM29PL320DT90 AM29PL320DB70 AM29PL3 |
32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 1M X 32 FLASH 3V PROM, 60 ns, PBGA84 32 Megabit (2 M x 16-Bit/1 M x 32-Bit) CMOS 3.0 Volt-only High Performance Page Mode Flash Memory 32兆位米16 1个M × 32位)的CMOS 3.0伏,不仅具备高性能页面模式闪存
|
Spansion, Inc. Spansion Inc. Advanced Micro Devices
|
TMP8700CH TMP8700CS TMP8700CK TMP8700CP TMPA8700CS |
High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成6K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成0K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能、CMOS 8位微控制器(芯片集成4K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM、RAM,8-Bit A/D Converter,Remote Control Singnal Processor(高速、高性能CMOS 8位微控制器(芯片集成8K字节ROMK字节位RAM,8位A/D转换器,远程控制信号处理器)) High Speed And High Performance CMOS 8-bit Microcontroller,Integrating ROM??AM,8-Bit A/D Converter,Remote Control Singnal Processor(楂??????ц???MOS 8浣?井?у??????????浜?2K瀛??ROM锛?K瀛??浣?AM,8浣?/D杞?????杩???у?淇″?澶?????)
|
Toshiba Corporation
|
MAX5885 MAX5885EGM |
3.3V / 16-Bit / 200Msps High Dynamic Performance DAC with CMOS Inputs Quadruple Line Receiver 14-CDIP -55 to 125 3.3V, 16-BIT, 200MSPS HIGH DYNAMIC PERFORMANCE DAC WITH CMOS INPUTS
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
TMP47C416 TMP47C216 |
High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成4096 x 8位ROM56 x 4位RAM、大电流输出端口4位A/D转换输入 High Speed And High Performance 4-bit CMOS Single Chip Microcontroller,Integrating ROM, RAM,High Current Output Port And 4-Bit A/D Conversion Input(高速、高性能4位单片微控制器(芯片集成048 x 8位ROM28 x 4位RAM、大电流输出端口4位A/D转换输入
|
Toshiba Corporation
|
AM486DX4 |
High-Performance, Clock-Selectable, 3.3 V, 32-Bit Microprocessor(3.3V高性能时钟可32位微处理 High-Performance, Clock-Selectable, 3.3 V, 32-Bit Microprocessor(3.3V楂???芥??????2浣?井澶????
|
Advanced Micro Devices, Inc.
|
MAX5889 MAX5890 MAX5891 MAX5891EGK |
16-Bit, 600Msps, High-Dynamic-Performance DAC with LVDS Inputs Dual Very-High Speed, High-Current Peripheral Drivers 8-CDIP -55 to 125
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
MAX130 MAX130ACPL MAX130ACQH MAX130AEPL MAX130AEQH |
3? Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Refrence 3 Digit A/D Converters with Bandgap Reference 3? Digit A/D Converters with Bandgap Refrence 3Digit A/D Converters with Bandgap Refrence LJT 55C 55#22D PIN PLUG 18-Bit Bus Interface Flip-Flops With 3-State Outputs 56-TVSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 20-Bit Buffers/Drivers With 3-State Outputs 56-SSOP -40 to 85 1-CH 16-BIT DUAL-SLOPE ADC, PARALLEL ACCESS, PDIP40 3??Digit A/D Converters with Bandgap Refrence
|
MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
AD547JH AD547LH AD547SCHIPS AD542 AD544 AD542LH AD |
Initial offset voltage: 2.0mV; high performance BiFET operational amplifier Initial offset voltage: 1.0mV; high performance BiFET operational amplifier High Performance,BiFET Operational Amplifiers(高性能,BiFET运算放大 High Performance, BiFET Operational Amplifiers OP-AMP, 500 uV OFFSET-MAX, 1 MHz BAND WIDTH, UUC High Performance/ BiFET Operational Amplifiers MLT Series Linear Position Transducer, 127,0 mm [5.0 in] Electrical Travel, 1.0 % Linearity, Item Number F38000105 , CAMERAS, MEMORY BACK-UP, PAGERS AND WATCHES RoHS Compliant: NA
|
ANALOG DEVICES INC Analog Devices, Inc. http://
|